Part Number Hot Search : 
SI6928DQ E002701 BUZ901DP 61C65L P6KE82C P6KE82C TCZL33B BAS70
Product Description
Full Text Search
 

To Download KBPC35005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
KBPC35005(W) - - - KBPC3510(W)
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 35.0 A
SILICON BRIDGE RECTIFIERS
Rating to 1000V PRV Surge overload rating to 400 Am peres peak Ideal for printed circuit board Reliable low cost construction utilizing m olded plastic technique results in inexpensive product Lead solderable per MIL-STD-202 m ethod 208
KBPC-W
.452 (11.5) MAX
.042(1.1) .090(2.0)
.591 (15.0)
MAX
1.181(30.0) 1.102(28.0)
HOLE FOR NO.8 SCREW
AC .732(18.6) .692(17.6) -
+ .468(11.9) .429(10.9)
1.181(30.0) 1.102(28.0)
AC
.732(18.6) .692(17.6) .033x 250 (0.8x 6.4)
inch (mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient tem perature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
KBPC KBPC KBPC KBPC KBPC KBPC KBPC 35005 3501 3502 3504 3506 3508 3510 UNITS (W) (W) (W) (W) (W) (W) (W)
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard Output current @TA =25
V RRM V RMS V DC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 35.0
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage @ 17.5 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA =100
IFSM
400.0
A
VF IR TJ TSTG
1.1 10.0 1.0 - 55 ---- + 125 - 55 ---- + 150
V A mA
Operating junction temperature range Storage temperature range
www.galaxycn.com
Document Number 0287043
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES PEAK FORWARD SURGE CURRENT,
KBPC35005(W) -- KBPC3510(W)
FIG.2 -- FORWARD DERATING CURVE
500
50
400
40
AMPERES
8.3ms Single Half Sine Wave TJ=125
300
30
200
20
100
10
0 1
10
100
0
0
25
50
75
100
125
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT, AMPERES
100
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERES
10
10
1.0
1.0
0.1 TJ=25
0.1
.01
.01 .2
0
20
40
60
80
100
120
140
.4
.6
.8
1.0
1.2
1.4
1.6
PERCENT OF RATED PEAK REVERSE VOLTAGE INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0287043
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of KBPC35005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X